Part Number Hot Search : 
B20100C B20100C 27C32 20150 STU1955 F1014 MC74ACT TDA8767
Product Description
Full Text Search
 

To Download DFA14-CH44736MHZBSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency control products type dfa 14 siii revision 01 checked ne date 06.09.2005 page 12 dil 14 stratum iii tcxo dfa 14-ch (5 v) & df a 14-clh (3.3 v) key features 5 to 52 mhz stratum iii compliant over -40 to 85c up to 38.88 mhz sonet minimum clock compliant over -40 to 85c up to 52 mhz applications stratum iii & smc 12.70.1 20.30.1 h0.1 7.62 15.24 pin 1 0.45 6.3 0.750.1 h = 8.50 mm function dfa 14 n/c 1 gnd 7 output 8 vcc 14 type dfa 14-ch dfa 14-clh frequency range 5 to 20 mhz, soon to 38.88 mhz* (bsm & esm up to 52 mhz*) standard frequencies 12.8, 16. 384, 19.44, 20, 34.368*, 38.88* & 44.736* mhz electrical specifications supply voltage 5 v 5 % 3.3 v 5 % supply current ( no load) 20 ma 10 ma output load hcmos 15 pf or 2 ttl hcmos 15 pf or 2 ttl duty cycle @ 50% level 45/55...55/45 % 45/55...55/45 % rise/fall times (10 to 90 %) 5 ns 5 ns high/low levels or output amplitude 4.5 v/ 0.5 v 2.8 v/ 0.3 v start-up 10 ms @ 4.75 v 10 ms @ 3.15 v frequency stability detailed tolerances [ ppm ] temperature model stability versus : overall holdover 24 hrs calibration type range code temperature vcc 5 % age ing stability stability drift @ 25c telcordia gr-1244 core stratu m iii or itu-t g.813 option 1 0 to 50c as3 0 to 70c bs3 -20 to 70c* cs3 all types -40 to 85c* es3 0.28 0.3 3 over 15 years 4.6 over 15 years 0.37 0.04 0.8 telcordia gr-253 core smc or itu-t g.813 option 2 0 to 70c bsm all types -40 to 85c esm 3.5 0.3 10 over 20 years 20 over 20 years 4.6 0.5 1 definitions 24 hours drift gr-1244-core, gr-253-core or g.813 24 hours holdover mode over full temperature range and vcc 0.5 % ordering code type + option code + frequency + model code example dfa 14-clh 19.44 mhz esm * preliminary, please consult factory for details


▲Up To Search▲   

 
Price & Availability of DFA14-CH44736MHZBSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X